Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3972 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3972
Description  This document describes how to use the STM3210C-EVAL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3972 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3972 Datasheet HTML 13Page - STMicroelectronics AN3972 Datasheet HTML 14Page - STMicroelectronics AN3972 Datasheet HTML 15Page - STMicroelectronics AN3972 Datasheet HTML 16Page - STMicroelectronics AN3972 Datasheet HTML 17Page - STMicroelectronics AN3972 Datasheet HTML 18Page - STMicroelectronics AN3972 Datasheet HTML 19Page - STMicroelectronics AN3972 Datasheet HTML 20Page - STMicroelectronics AN3972 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN3972
Demo setup
Doc ID 022161 Rev 1
17/21
5.
Turn on one or more ZigBee smartplugs; make sure that the smartplug is linked to the
coordinator (STM3210C-EVAL board with daughterboard), in this case the connection
icon on the smartplug LCD should show the red light blinking; push the button on the
upper right on the smartplug to link/unlink to the coordinator.
6.
Refresh Internet Explorer
Figure 8.
Smartplug list detail of Smart Home Information web page
7.
Now it is possible to control the remote ZigBee smartplug
8.
To change the IP address, the user must power off the board and connect to it using the
RF interface. For example, using STARTKIT M24LR64. In this case the user should
read the block 0 of the EEPROM DUAL IFs, 4 bytes, reading the actual IP address.
Figure 9.
RFID PC user interface
9.
The user can easily change this value, putting the new IP address in HEX, for example,
writing 192.168.0.3 --> C0h, A8,h 00h, 03h.
Figure 10.
Writing details of RFID PC user interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com