Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK596S Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTK596S
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK596S Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTK596S Datasheet HTML 1Page - KEC(Korea Electronics) KTK596S Datasheet HTML 2Page - KEC(Korea Electronics) KTK596S Datasheet HTML 3Page - KEC(Korea Electronics) KTK596S Datasheet HTML 4Page - KEC(Korea Electronics) KTK596S Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2002. 9. 17
3/5
KTK596S
Revision No : 3
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
DDS
DRAIN CURRENT I
(
µA)
100
0.3
0.5
DSS
y
- I
GATE-SOURCE VOLTAGE V
(V)
GS
2
1
V
=0
GS
V
=-0.1V
GS
V
=-0.2V
GS
V
=-0.3V
GS
V
=-0.4V
GS
I
=200
µA
DSS
50
-0.7
0
-0.6
I
=300
µA
DSS
I
=17
0µ
A
DSS
V
=5V
DS
fs
DSS
200
300
400
500
1
3
f=1kHz
V
=0V
GS
f=1MHz
V
=0
GS
f=1MHz
V
=0
GS
V
=5V
DS
34
7
6
58
9
10
50
100
150
200
250
300
DRAIN-SOURCE VOLTAGE V
(V)
DS
1
C
- V
iss
DS
13
5
20
10
3
5
10
-0.5
-0.4
-0.3
-0.2
0
-0.1
100
150
200
250
300
350
I
- VGS
D
DRAIN CURRENT I
(
µA)
100
-0.1
-0.3
DSS
V
- I
GS(off)
DSS
200
300
400
500
-0.5
-1
I
=1
µA
D
V
=5V
DS
DRAIN-SOURCE VOLTAGE V
(V)
DS
0.3
0.5
C
- V
rss
DS
13
5
20
10
1
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com