Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK596S Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTK596S
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK596S Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTK596S Datasheet HTML 1Page - KEC(Korea Electronics) KTK596S Datasheet HTML 2Page - KEC(Korea Electronics) KTK596S Datasheet HTML 3Page - KEC(Korea Electronics) KTK596S Datasheet HTML 4Page - KEC(Korea Electronics) KTK596S Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 9. 17
4/5
KTK596S
Revision No : 3
DRAIN CURRENT I
(
µA)
100
0.3
0.5
DSS
THD - I DSS
200
300
400
500
1
5
3
DRAIN CURRENT I
(
µA)
DSS
300
Z
- I
ODSS
100
200
300
400
500
400
500
700
600
DRAIN CURRENT I
(
µA)
100
26
30
28
DSS
Z
- I
IN
DSS
200
300
400
500
32
36
34
DRAIN CURRENT I
(
µA)
100
-10
-8
DSS
G
- I
VDSS
200
300
400
500
-6
-4
-2
0
2
V =10mV
in
R =1.0k
Ω
f=1kHz
L
G
: V
=4.5V
I
: V
=5.0V
V
DSS
DS
CC
V =10mV
in
f=1kHz
Z
: V
=4.5V
I
: V
=5.0V
IN
DSS
DS
CC
V =10mV
in
f=1kHz
Z
: V
=4.5V
I
: V
=5.0V
O
DSS
DS
CC
V =30mV
in
f=1kHz
THD : V
=4.5V
I
: V
=5.0V
DSS
DS
CC
DRAIN CURRENT I
(
µA)
100
DSS
G
- I
VV
DSS
200
300
400
500
-6
-4
-2
0
2
V =10mV
in
f=1kHz
G
: V
=4.5V
1.5V
I
: V
=5.0V
VV
DSS
DS
CC
DRAIN CURRENT I
(
µA)
DSS
-120
V
- I
NO
DSS
100
200
300
400
500
-118
-116
-112
-114
V =0, A curve
in
L
R =1.0k
Ω
V
: V
=4.5V
I
: V
=5.0V
NO
DSS
DS
CC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com