Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0051 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 8Page - STMicroelectronics PM0051 Datasheet HTML 9Page - STMicroelectronics PM0051 Datasheet HTML 10Page - STMicroelectronics PM0051 Datasheet HTML 11Page - STMicroelectronics PM0051 Datasheet HTML 12Page - STMicroelectronics PM0051 Datasheet HTML 13Page - STMicroelectronics PM0051 Datasheet HTML 14Page - STMicroelectronics PM0051 Datasheet HTML 15Page - STMicroelectronics PM0051 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Memory organization
PM0051
12/27
Doc ID 14614 Rev 3
2.5
High density STM8A microcontrollers
The memory is divided into two arrays:
●
From 32 to 128 Kbytes of Flash program memory organized in up to 256 pages of 4
blocks of 128 bytes each. The Flash program memory is divided into 2 areas, the user
boot code area (UBC), which size can be configured by option byte, and the main
program memory area. The Flash program memory is mapped in the upper part of the
STM8A addressing space and includes the reset and interrupt vectors.
●
From 1 to 2 Kbytes of data EEPROM (DATA) organized in up to 4 pages of 4 blocks of
128 bytes each. The size of the DATA area is fixed for a given microcontroller. One
block (128 bytes) contains the option bytes of which 15 are used to configure the
device hardware features. The options bytes can be programmed in user, IAP and
ICP/SWIM modes.
Refer to Table 5 for a detailed description of the memory partition for high density STM8A
microcontrollers.
Table 5.
High density STM8A memory partition(1)
Area
Page number (1 page=4 blocks)
Block number (1 block=128 bytes)
Address
Data EEPROM
0
0
0x00 4000-
0x00 407F
1
0x00 4080-
0x00 40FF
2
0x00 4100-
0x00 417F
3
0x00 4180-
0x00 41FF
1
4 to 7
0x00 4200-
0x00 43FF
2
8 to 11
0x00 4400-
0x00 45FF
3
12 to 15
0x00 4600-
0x00 47FF
Option bytes
-
0 (one block only)
0x00 4800-
0x00 487F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com