Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0051 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 14Page - STMicroelectronics PM0051 Datasheet HTML 15Page - STMicroelectronics PM0051 Datasheet HTML 16Page - STMicroelectronics PM0051 Datasheet HTML 17Page - STMicroelectronics PM0051 Datasheet HTML 18Page - STMicroelectronics PM0051 Datasheet HTML 19Page - STMicroelectronics PM0051 Datasheet HTML 20Page - STMicroelectronics PM0051 Datasheet HTML 21Page - STMicroelectronics PM0051 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Programming STM8 Flash microcontrollers
PM0051
18/27
Doc ID 14614 Rev 3
Standard block programming
The following sequence is required to perform a standard block program sequence (block
erased and programmed):
1.
Unlock the memory if not already done.
The UBC option byte can be read to check if the block to program is not in the UBC
area. If necessary, reprogram it to allow erasing and programming the targeted block.
2.
Write 0x01 in FLASH_CR2 (PRG bit active), and 0xFE in FLASH_NCR2 (NPRG bit
active).
3.
Write all the data bytes of the block you want to program starting with the very first
address of the block. No read or write access to the program memory is allowed during
these load operations as they might corrupt the values to be programmed.
The programming cycle starts automatically when all the data in the block have been
written.
4.
Check the WR_PG_DIS bit in FLASH_IAPSR to verify if the block you attempted to
program was not write protected (optional)
5.
For devices with RWW capability, poll the HVOFF bit in FLASH_IAPSR register for the
start of program operation (high voltage mode). HVOFF is reset when the program
operation starts, thus indicating that the memory is ready for RWW.
6.
To check if the program operation is complete, poll the EOP bit in FLASH_IAPSR from
program memory. EOP is set to ‘1’ when the standard block program operation has
completed. To avoid polling the EOP bit, an interrupt can be generated when EOP is
set.
Note:
It is mandatory to execute steps 2 to 5 from RAM.
Caution:
EOP and WR_PG_DIS bits are cleared by reading the FLASH_IAPSR register. It is
consequently strongly recommended to perform one single read operation to the
FLASH_IAPSR register to check the values of these bits.
Caution:
FLASH_CR2 and FLASH_NCR2 must be written consecutively to be taken into account. If
only one register is set, both are forced to their reset values, causing the program operation
to be performed at byte level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com