Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0063 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 3Page - STMicroelectronics PM0063 Datasheet HTML 4Page - STMicroelectronics PM0063 Datasheet HTML 5Page - STMicroelectronics PM0063 Datasheet HTML 6Page - STMicroelectronics PM0063 Datasheet HTML 7Page - STMicroelectronics PM0063 Datasheet HTML 8Page - STMicroelectronics PM0063 Datasheet HTML 9Page - STMicroelectronics PM0063 Datasheet HTML 10Page - STMicroelectronics PM0063 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PM0063
Overview
Doc ID 16211 Rev 2
7/30
1
Overview
1.1
Features
up to 512 Kbytes of Flash memory
Memory organization:
Main memory block:
8 Kbits × 32 bits for low-density devices
32 Kbits × 32 bits for medium-density devices
128 Kbits × 32 bits for high-density devices
Information block:
516 × 32 bits
Flash memory interface (FLITF) features:
Read interface (32-bit)
Option byte Loader
Flash Program / Erase operation
Read / Write protection
Low-power mode
1.2
Flash module organization
The memory organization is based on a main memory block containing 32 pages of 1 Kbyte
(for low-density value line devices), 128 pages of 1 Kbyte (for medium-density value line
devices), 256 pages of 2 Kbytes (for high-density value line devices), and an information
block as shown in Table 1, Table 1 and Table 3.
Table 1.
Flash module organization (low-density value line devices)
Block
Name
Base addresses
Size (bytes)
Main memory
Page 0
0x0800 0000 - 0x0800 03FF
1 Kbyte
Page 1
0x0800 0400 - 0x0800 07FF
1 Kbyte
Page 2
0x0800 0800 - 0x0800 0BFF
1 Kbyte
Page 3
0x0800 0C00 - 0x0800 0FFF
1 Kbyte
Page 4
0x0800 1000 - 0x0800 13FF
1 Kbyte
.
.
.
.
.
.
.
.
.
Page 31
0x0800 7C00 - 0x0800 7FFF
1 Kbyte
Information block
System memory
0x1FFF F000 - 0x1FFF F7FF
2 Kbytes
Option Bytes
0x1FFF F800 - 0x1FFF F80F
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com