Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0063 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 18Page - STMicroelectronics PM0063 Datasheet HTML 19Page - STMicroelectronics PM0063 Datasheet HTML 20Page - STMicroelectronics PM0063 Datasheet HTML 21Page - STMicroelectronics PM0063 Datasheet HTML 22Page - STMicroelectronics PM0063 Datasheet HTML 23Page - STMicroelectronics PM0063 Datasheet HTML 24Page - STMicroelectronics PM0063 Datasheet HTML 25Page - STMicroelectronics PM0063 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Register descriptions
PM0063
22/30
Doc ID 16211 Rev 2
3
Register descriptions
The Flash registers have to be accessed as 32-bit words. Half-word or byte accesses are
not allowed.
In this section, the following abbreviations are used:
3.1
Flash access control register (FLASH_ACR)
Address offset: 0x00
Reset value: 0x0000 0000
Table 8.
Abbreviations
Abbreviation
Meaning
read/write (rw)
Software can read from and write to these bits.
read-only (r)
Software can only read these bits.
write-only (w)
Software can only write to this bit. Reading the bit returns the reset
value.
read/clear (rc_w0)
Software can read as well as clear this bit by writing ‘0’. Writing ‘1’ has
no effect on the bit value.
read/set (rs)
Software can read as well as set this bit. Writing ‘0’ has no effect on
the bit value.
Reserved (Res.)
Reserved bit, must be kept at reset value.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
HLFCYA
Reserved
rw
Bits 31:4
Reserved, must be kept cleared.
Bit 3 HLFCYA: Flash half cycle access enable
0: Half cycle is disabled
1: Half cycle is enabled
Bits 2:0
Reserved, must be kept cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com