Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16315 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16315
Description  1/4- to 1/12-DUTY FIPTM(VFD) CONTROLLER/DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16315 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16315_15 Datasheet HTML 5Page - Renesas Technology Corp PD16315_15 Datasheet HTML 6Page - Renesas Technology Corp PD16315_15 Datasheet HTML 7Page - Renesas Technology Corp PD16315_15 Datasheet HTML 8Page - Renesas Technology Corp PD16315_15 Datasheet HTML 9Page - Renesas Technology Corp PD16315_15 Datasheet HTML 10Page - Renesas Technology Corp PD16315_15 Datasheet HTML 11Page - Renesas Technology Corp PD16315_15 Datasheet HTML 12Page - Renesas Technology Corp PD16315_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet S14074EJ1V0DS
7
µµµµPD16315
6. COMMANDS
Commands set the display mode and status of the FIP
TM (VFD) driver.
The first 1 byte input to the
µPD16315 through the DIN pin after the STB pin has fallen is regarded as a command. If STB
is set high while commands/data are transmitted, serial communication is initialized, and the commands/data being
transmitted are invalid (however, the commands/data previously transmitted remain valid).
(1) Display mode setting commands
These commands initialize the
µPD16315 and select the number of segments and the number of grids (1/4- to 1/12-
duty, 16 segments to 24 segments).
When these commands are executed, the display is forcibly turned OFF, and key scanning is also stopped. To resume
display, the display command “ON” must be executed. If the same mode is selected, however, nothing happens.
MSB
LSB
b2 b1 b0
00
−−
−
Don't care
Display mode settings
0000 : 4 digits 24 segments
0001 : 5 digits 23 segments
0010 : 6 digits 22 segments
0011 : 7 digits 21 segments
0101 : 9 digits 19 segments
0110 : 10 digits 18 segments
0111 : 11 digits 17 segments
: 12 digits 16segments
0100 : 8 digits 20segments
1xxx
Remark
Power ON application, the 12-digit, 16-segment mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com