Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16315 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD16315
Description  1/4- to 1/12-DUTY FIPTM(VFD) CONTROLLER/DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16315 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD16315_15 Datasheet HTML 15Page - Renesas Technology Corp PD16315_15 Datasheet HTML 16Page - Renesas Technology Corp PD16315_15 Datasheet HTML 17Page - Renesas Technology Corp PD16315_15 Datasheet HTML 18Page - Renesas Technology Corp PD16315_15 Datasheet HTML 19Page - Renesas Technology Corp PD16315_15 Datasheet HTML 20Page - Renesas Technology Corp PD16315_15 Datasheet HTML 21Page - Renesas Technology Corp PD16315_15 Datasheet HTML 22Page - Renesas Technology Corp PD16315_15 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet S14074EJ1V0DS
19
µµµµPD16315
13. RECOMMENDED SOLDERING CONDITIONS
The following conditions must be met for soldering conditions of the
µ PD16315.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other soldering process is used, or in case the soldering is done under
different conditions.
Type of Surface Mount Device
µ PD16315GB-3BS : 44-pin plastic QFP (10 x 10)
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: MAX.3
IR35-00-3
VPS
Peak package’s temperature: 215
°C or below,
Reflow time: 25 to 40 seconds (200
°C or higher),
Number of reflow process: MAX.3
VP15-00-3
Wave Soldering
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below
Temperature of pre-heat: 120
°C pr below (Plastic surface
temperature)
Number of flow process: 1
WS60-00-1
Partial heating method
Terminal temperature: 300
°C or below,
Time 3 seconds or below (per side of pin position)
−
Caution Do not apply more than a single process at once, except for partial heating method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com