Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16640C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16640C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16640C_15 Datasheet HTML 5Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 6Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 7Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 8Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 9Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 10Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 11Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 12Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet S11269EJ1V1DS00
7
µµµµ PD16640C
4.1
γγγγ-corrected Power Circuit
The reference power supply of the D/A converter consists of a ladder circuit with a total of 64 resistors, and
resistance
Σri between
γ-corrected power pins differs depending on each pair of γ-corrected power pins. One pair of
γ-corrected power pins consists of seven or eight series resistors, and resistance Σri in the figure below is indicated
as the sum of the seven or eight resistors. The resistance ratio between the
γ-corrected power pins (Σri ratio) is
designed to be a value relatively close to the ratio of the
γ-corrected voltages V1 to V9 (gray-scale voltages in 8 steps)
used in an actual LCD panel. Under ideal conditions where there is no difference between the two, therefore, there is
no voltage difference between the voltage of the
γ-corrected power supplies and the gray-scale voltages in 8 steps of
the resistor ladder circuits of the
µPD16640C, and no current flows into the γ-corrected power pins V1 to V9. As a
result, a voltage-follower circuit is not necessary.
Figure 4-2.
γγγγ -corrected Power Circuit
V0
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
i0
R0 = 2.39 k
PD16640C
R1 =
Σ ri = 4.45 kΩ
i1
i2
i3
i4
i5
i6
i7
i8
i9
i10
7
i = 1
R2 =
Σ ri = 6.19 kΩ
8
i = 1
R3 =
Σ ri = 3.58 kΩ
8
i = 1
R4 =
Σ ri = 2.15 kΩ
8
i = 1
R5 =
Σ ri = 2.03 kΩ
8
i = 1
R6 =
Σ ri = 1.61 kΩ
8
i = 1
R7 =
Σ ri = 2.03 kΩ
8
i = 1
R8 =
Σ ri = 3.39 kΩ
7
i = 1
R9 = 2.55 k
µ
γ-corrected power pin
γ-corrected resistor
Sum of eight
γ-corrected resistors
+
+
+
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com