Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16640C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16640C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16640C_15 Datasheet HTML 9Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 10Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 11Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 12Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 13Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 14Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 15Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 16Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S11269EJ1V1DS00
11
µµµµ PD16640C
Switching Characteristics (TA =
−−−−10 to +75 °°°°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 3.3 V ±±±± 0.3 V or 5.0 V ±±±± 0.5 V,
VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Start pulse delay time
tPLH1
CL = 15 pF
7
12
ns
tPHL1
712
ns
Driver output delay time
tPLH21
VDD2=3.3 V
VO:0.1 V
2.6
µ s
tPLH31
2 k
Ω +75 pF x 2
→3.2 V
3.0
10
µ s
tPHL21
VO:3.2 V
2.4
µ s
tPHL31
→0.1 V
3.2
10
µ s
Driver output delay time
tPLH22
VDD2=5.0 V
VO:0.1 V
2.2
µ s
tPLH32
2 k
Ω +75 pF x 2
→4.9 V
2.9
10
µ s
tPHL22
VO:4.9 V
2.6
µ s
tPHL32
→0.1 V
3.6
10
µ s
Input capacitance
CI1
STHR(STHL), TA=25
°C10
20
pF
CI2
V0-V10, TA = 25
°C
60
100
pF
CI3
STHR(STHL), other than V0-V10,
TA=25
°C
10
15
pF
Timing Requirements (TA =
−−−−10 to +75 °C, VDD1 = 3.3 V ±±±± 0.3 V, VSS1 = 0 V, tr = tf = 3.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLK
18
ns
Clock pulse high period
PWCLK (H)
4ns
Clock pulse low period
PWCLK (L)
4ns
Data setup time
tSETUP1
4ns
Data hold time
tHOLD1
0ns
Start pulse setup time
tSETUP2
4ns
Start pulse hold time
tHOLD2
0ns
INV setup time
tSETUP4
4ns
INV hold time
tHOLD4
0ns
Start pulse low period
tSPL
2CLK
Start pulse rise time
tSPR1
Osel=H
100
CLK
tSPR2
Osel=L
103
CLK
Final data timing
tSETUP3
1CLK
CLK-STB time
tINV
1CLK
STB-CLK time
tLDT
1CLK
Time between STB and start pulse tCLK-STB
CLK
↑→STB↑
7ns
STB-POL time
tSTB-CLK
STB
↑ →CLK↑
7ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com