Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16682 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16682 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16682_15 Datasheet HTML 5Page - Renesas Technology Corp PD16682_15 Datasheet HTML 6Page - Renesas Technology Corp PD16682_15 Datasheet HTML 7Page - Renesas Technology Corp PD16682_15 Datasheet HTML 8Page - Renesas Technology Corp PD16682_15 Datasheet HTML 9Page - Renesas Technology Corp PD16682_15 Datasheet HTML 10Page - Renesas Technology Corp PD16682_15 Datasheet HTML 11Page - Renesas Technology Corp PD16682_15 Datasheet HTML 12Page - Renesas Technology Corp PD16682_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Data Sheet S13368EJ4V0DS
7
µµµµ PD16682
3. PIN DESCRIPTIONS
3.1 Power Supply System Pins
Pin Symbol
Pin Name
Pad No.
I/O
Function Description
VDD
Logic power supply pins
25 to 27
—
Power supply pins for logic. Apply the logic power supply voltage
from an external source.
VDD2
Booster circuit power
supply pins
28 to 31
—
Power supply pins for booster circuit. Apply the booster circuit
power supply voltage from an external source.
VSS
Logic/driver ground pins
35 to 37
—
Ground pins for logic and driver circuit. Connect these pins to an
external ground.
VLCD
Driver power supply pins
32 to 34
—
Power supply pins for driver. Output pins for internal booster
circuit.
Connect a 1-
µ F capacitor for boosting between these pins and
the GND pins.
If not using the internal booster circuit, a direct driver power
supply can be input.
VDD’
Power supply pins for fixed
mode pins
10,16,51,
52,74,80,
84
—
These power supply pins are used to set the mode pins as fixed.
VSS’
Ground pins for fixed
mode pins
7,13,50,
67,68,77,
82
—
These ground pins are used to set the mode pins as fixed.
VLC1 to VLC5
Reference power supply
pins for driver
57 to 66
—
These are reference power supply pins for the LCD driver.
Connect a smoothing capacitor if an internal bias has been
selected.
C1
+, C1-
C2
+, C2-
C3
+, C3-
Capacitor connection pins
38 to 49
—
These are capacitor connection pins for the booster circuit.
Connect a 1-
µ F capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com