Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16682 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16682 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16682_15 Datasheet HTML 9Page - Renesas Technology Corp PD16682_15 Datasheet HTML 10Page - Renesas Technology Corp PD16682_15 Datasheet HTML 11Page - Renesas Technology Corp PD16682_15 Datasheet HTML 12Page - Renesas Technology Corp PD16682_15 Datasheet HTML 13Page - Renesas Technology Corp PD16682_15 Datasheet HTML 14Page - Renesas Technology Corp PD16682_15 Datasheet HTML 15Page - Renesas Technology Corp PD16682_15 Datasheet HTML 16Page - Renesas Technology Corp PD16682_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Data Sheet S13368EJ4V0DS
11
µµµµ PD16682
4. PIN I/O CIRCUITS AND RECOMMENDED CONNECTION OF UNUSED PINS
The input/output circuit type of each pin and recommended connection of unused pins are shown in the following
table.
Pin Name
I/O
Recommended Connection of Unused Pins
Notes
P,/S
Input
Mode setting pin
1
/CS1
Input
Connect to VSS
CS2
Input
Connect to VDD
/RD(E)
Input
Connect to VDD (80 series interface),
connect to VDD or VSS (serial interface)
/WR (R,/W)
Input
Connect to VDD or VSS (serial interface)
C86
Input
Mode setting pin
1
D0 to D5
Input/Output
Leave open (when using serial interface)
4
D6 (SCL)
Input/Output
D7 (SI)
Input/Output
A0
Input
Data/command setting pin
2
TESTOUT
Output
Leave open
/RES
Input
Connect to VDD
CLS
Input
Mode setting pin
1
FR
Input/Output
Leave open (when using master mode, M,/S = H)
FRS
Output
Leave open
/DOF
Input/Output
Leave open (when using master mode, M,/S = H)
M,/S
Input
Mode setting pin
1
CL
Input/Output
Display clock
3
HPM
Input
Mode setting pin
1
IRS
Input
Mode setting pin
1
TEST1
Input
Leave open
4
TEST2
Input
Leave open
4
TEST3
Input
Leave open
4
TEST4
Output
Leave open
TEST5
Output
Leave open
Notes 1. Connect to VDD or VSS according to the selected mode.
2. Input microcontroller output from VDD or VSS according to the selected register.
3. This pin is an output when M,/S = H and CLS = H but should otherwise be used to input the display clock.
4. These pins are pulled down to VSS in the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com