Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-12R6SWCWC-A2X Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AL-12R6SWCWC-A2X
Description  All dimensions are in millimeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-12R6SWCWC-A2X Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AL-12R6SWCWC-A2X_15 Datasheet HTML 1Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 2Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 3Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 4Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 5Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-12R6SWCWC-A2X
Spec No.
Page
3 of 6
Electrical Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Flux
Flux
540
780
---
Lm
IF=700mA
Forward Voltage
VF
16.8
20.6
27.0
V
IF=700mA
Color Temperature
CCT
2670
3200
4500
K
IF=700mA
Temperature Coefficient of VF
△
VF /△Tj
---
-2.0
---
mV/℃ IF=700mA
Termal Resistance Junction to
Board
----
---
15
---
℃
/W
IF=700mA
Viewing Angle
2θ1/2
---
120
---
Deg
IF=700mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com