Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-12R6SWCWC-A2X Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-12R6SWCWC-A2X
Description  All dimensions are in millimeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-12R6SWCWC-A2X Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-12R6SWCWC-A2X_15 Datasheet HTML 1Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 2Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 3Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 4Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 5Page - A-BRIGHT Inc AL-12R6SWCWC-A2X_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-12R6SWCWC-A2X
Spec No.
Page
2 of 6
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
MAX.
Unit
Forward Current
IF
700
mA
Peak pulsed forward current
IPF
1000
mA
Power Disspation
PD
12
W
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40 to +85
Storage Temperature Range
Tstg
-40 to +85
Soldering Temperature (Max.)
Tsol
260 ± 5
seconds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com