Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD17P236 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # PD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17P236 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button PD17P236_15 Datasheet HTML 11Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 12Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 13Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 14Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 15Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 16Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 17Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 18Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
µPD17P236
13
Data Sheet U14776EJ1V0DS00
3. WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY)
The program memory of the
µPD17P236 is a one-time PROM of 16,384 × 16 bits.
To write or verify this one-time PROM, the pins shown in Table 3-1 are used. Note that no address input pin
is used. Instead, the address is updated by using the clock input from the CLK pin.
Table 3-1. Pins Used to Write/Verify Program Memory
Pin Name
Function
VPP
Supplies voltage when writing/verifying program memory.
Apply +12.5 V to this pin.
VDD
Power supply.
Supply +6 V to this pin when writing/verifying program memory.
CLK
Inputs clock to update address when writing/verifying program memory.
By inputting pulse four times to CLK pin, address of program memory is updated.
MD0-MD3
Input to select operation mode when writing/verifying program memory.
D0-D7
Inputs/outputs 8-bit data when writing/verifying program memory.
3.1 Operating Mode When Writing/Verifying Program Memory
The
µPD17P236 is set in the program memory write/verify mode when +6 V is applied to the VDD pin and +12.5
V is applied to the VPP pin after the
µPD17P236 has been in the reset status (VDD = 5 V, RESET = 0 V) for a specific
time. In this mode, the operating modes shown in Table 3-2 can be set by setting the MD0 through MD3 pins. Leave
all the pins other than those shown in Table 3-1 unconnected or connect them to GND via pull-down resistor
(470
Ω). (See PIN CONFIGURATION (2) PROM programming mode.)
Table 3-2. Setting Operation Mode
Setting of Operating Mode
Operating Mode
VPP
VDD
MD0
MD1
MD2
MD3
+12.5 V
+6 V
H
L
H
L
Program memory address 0 clear mode
L
H
H
H
Write mode
L
L
H
H
Verify mode
H
×
H
H
Program inhibit mode
×: don’t care (L or H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com