Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD17P236 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17P236 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD17P236_15 Datasheet HTML 18Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 19Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 20Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 21Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 22Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 23Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 24Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 25Page - Renesas Technology Corp PD17P236_15 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
µPD17P236
20
Data Sheet U14776EJ1V0DS00
AC Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle time
Note
tCY1
3.8
33
µs
(instruction execution time)
tCY2
VDD = 3.0 to 3.6 V
1.9
33
µs
INT high/low level width
tINTH, tINTL
20
µs
RESET low level lwidth
tRSL
10
µs
Note
The CPU clock cycle time (instruction execution time)
is determined by the oscillation frequency of the resonator
connected and SYSCK (RF: address 02H) of the register
file.
The figure on the right shows the CPU clock cycle time
tCY vs. supply voltage VDD characteristics.
tCY vs VDD
Supply voltage VDD (V)
2
1
3
4
5
6
7
8
9
10
33
40
2
01
3
4
3.8
1.9
2.2
3.6
Operation
guaranteed
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com