Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MMBTA13
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA13 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MMBTA13 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1999. 11. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
MMBTA13/14
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 4
GENERAL PURPOSE APPLICATION.
DARLINGTON TRANSISTOR.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
*Pulse Test : Pulse Width 300 S, Duty Cycle 2.0%
* : Package Mounted On 99.5% Alumina 10 8 0.6mm.
MARK SPEC
Type Name
Marking
Lot No.
AX
TYPE
MMBTA13
MMBTA14
MARK
AIX
AHX
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
VCES
IC=0.1mA
30
-
-
V
Emitter Cut-off Current
ICBO
VCB=30V
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=10V
-
-
100
nA
DC Current Gain
MMBTA13
hFE *
IC=10mA, VCE=5V
5,000
-
-
-
MMBTA14
10,000
-
-
MMBTA13
IC=100mA, VCE=5V
10,000
-
-
MMBTA14
20,000
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=0.1mA
-
-
1.5
V
Base-Emitter Voltage
VBE
IC=100mA, VCE=5V
-
-
2.0
V
Current Gain Bandwith Product
fT
IC=10mA, f=100MHz, VCE=5V
125
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collertor Current
IC
500
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
NPN Darlington Amplifier Transistor
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC517 KEC-BC517 Datasheet
181Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR)
KTD1411 KEC-KTD1411 Datasheet
384Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
KTD2424 KEC-KTD2424 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
MMBTA517 KEC-MMBTA517 Datasheet
189Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
MPSA27 KEC-MPSA27 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (DARLINGTON TRANSISTOR)
MPSA62 KEC-MPSA62 Datasheet
66Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com