Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MMBTA13
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA13 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MMBTA13 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
MMBTA13/14
Revision No : 4
3K
1
COLLECTOR CURRENT I
(A)
C
C
FE
h
- I
3
10
30
100
300
1K
5K
10K
30K
50K
100K
200K
V
=5V
CE
f
- I
T
C
C
COLLECTOR CURRENT I
(mA)
1
30
50
300
500
100
V
=5V
CE
3
5
10
30
50
100
0.2
5
5
COLLECTOR CURRENT I
(mA)
C
0.3
0.5
1
3
10
30
50
100
300 500
I =1000I
C
B
V
(sat)
V
(sat)
BE
CE
V
(sat), V
(sat) - I
CE
C
BASE-EMITTER VOLTAGE V
(V)
V
=5V
0
30
50
1
3
5
10
100
CE
200
I
- VBE
BE
0.4
0.8
1.2
1.6
2.0
2.4
2.8
C
BE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com