Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5535 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 3 Page - Linear Technology

  LTC5535 Datasheet HTML 1Page - Linear Technology LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC5535
3
5535f
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Detector Characteristics,
1000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
2000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
3000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
4000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
5000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
6000MHz, Gain = 2, VOS = 0V
Output Voltage vs Supply Voltage
Supply Current vs Supply Voltage
(RLOAD = 1k = RA + RB)
SUPPLY VOLTAGE (V)
2.5
210
215
220
45
5535 G01
205
200
3
3.5
4.5
5.5
6
195
190
TA = 85°C
TA = 25°C
TA = –40°C
GAIN = 2
VOS = 0V
RF INPUT SIGNAL OFF
SUPPLY VOLTAGE (V)
2.5
2.4
2.6
2.8
45
5535 G02
2.2
2.0
3
3.5
4.5
5.5
6
1.8
1.6
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT SIGNAL OFF
Typical Detector Characteristics,
600MHz, Gain = 2, VOS = 0V
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G03
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G04
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G05
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G06
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G07
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G08
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C
RF INPUT POWER (dBm)
–32
800
3200
3600
–20 –16
–8
0
–4
5535 G09
2400
1600
400
2800
0
2000
1200
–28 –24
–12
48
12
VCC = 3.6V
TA = 85°C
TA = –40°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com