Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5535 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5535 Datasheet HTML 2Page - Linear Technology LTC5535 Datasheet HTML 3Page - Linear Technology LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology LTC5535 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC5535
6
5535f
TYPICAL PERFOR A CE CHARACTERISTICS
0.6000GHz-7.000GHz
5535 TA03
S11 Forward Reflection
Impedance
RFIN Input Impedance (Pin = –25 dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
GHz
(Ω)(Ω)
0.600
156.68
–127.09
0.728
135.50
–122.64
0.856
118.45
–116.93
0.984
104.52
–110.97
1.112
92.64
–105.02
1.240
83.35
–98.29
1.368
75.36
–92.40
1.496
68.73
–86.52
1.624
63.20
–80.86
1.752
58.56
–75.65
1.880
54.68
–70.56
2.008
51.40
–65.59
2.136
49.37
–60.89
2.264
47.90
–57.97
2.392
44.55
–55.20
2.520
41.81
–51.32
2.648
39.91
–47.76
2.776
38.28
–44.50
2.904
37.15
–41.35
3.032
35.94
–38.47
3.160
34.94
–35.89
3.288
33.78
–33.39
3.416
32.33
–30.93
3.544
31.04
–28.47
3.672
29.80
–25.80
3.800
28.71
–23.12
3.928
27.85
–20.43
4.056
27.29
–18.04
4.184
26.34
–15.61
4.312
25.48
–13.05
4.440
24.95
–10.41
4.568
24.50
–7.76
4.696
23.95
–5.20
4.824
23.67
–2.56
4.952
23.47
0.03
5.080
23.40
2.59
5.208
23.39
5.13
5.336
23.50
7.64
5.464
23.72
10.20
FREQUENCY
RESISTANCE
REACTANCE
GHz
(Ω)(Ω)
5.592
24.09
12.74
5.720
24.60
15.21
5.848
25.20
17.55
5.976
26.02
19.70
6.104
26.80
21.46
6.232
27.27
22.90
6.360
27.22
24.41
6.488
26.98
26.35
6.616
26.79
28.58
6.744
26.75
31.11
6.872
26.85
33.76
7.000
27.06
36.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com