Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 2 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC6906
2
6906fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
V+ ................................................................ –0.3V to 6V
DIV to GND .....................................–0.3V to (V+ + 0.3V)
SET to GND.....................................–0.3V to (V+ + 0.3V)
GRD to GND....................................–0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 7)
LTC6906C............................................ –40°C to 85°C
LTC6906I ............................................. –40°C to 85°C
LTC6906H.......................................... –40°C to 125°C
Specified Temperature Range (Note 7)
LTC6906C................................................ 0°C to 70°C
LTC6906I ............................................. –40°C to 85°C
LTC6906H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
OUT 1
GND 2
DIV 3
6 V+
5 GRD
4 SET
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6906CS6#PBF
LTC6906CS6#TRPBF
LTBJN
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6906IS6#PBF
LTC6906IS6#TRPBF
LTBJN
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6906HS6#PBF
LTC6906HS6#TRPBF
LTBJN
6-Lead Plastic TSOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6906CS6
LTC6906CS6#TR
LTBJN
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6906IS6
LTC6906IS6#TR
LTBJN
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6906HS6
LTC6906HS6#TR
LTBJN
6-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Δf
Frequency Accuracy (Notes 2, 3, 9)
V+ = 2.7V to 3.6V
100kHz ≤ f ≤ 1MHz
100kHz ≤ f ≤ 1MHz, LTC6906C
100kHz ≤ f ≤ 1MHz, LTC6906I
f = 1MHz, LTC6906H
f = 100kHz, LTC6906H
l
l
l
l
±0.25
±0.5
±0.65
±1.3
±1.3
±2.2
%
%
%
%
%
V+ = 2.25V
100kHz ≤ f ≤ 1MHz
100kHz ≤ f ≤ 1MHz, LTC6906C
100kHz ≤ f ≤ 1MHz, LTC6906I
f = 1MHz, LTC6906H
f = 100kHz, LTC6906H
l
l
l
l
±0.25
±0.7
±0.85
±1.3
±1.3
±2.2
%
%
%
%
%
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com