Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 4 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC6906
4
6906fc
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Supply Current
vs Load Capacitance
VSET vs Temperature (VSET is the
Voltage Measured at the RSET Pin)
Typical Supply Current
vs Temperature, 1MHz
Typical Frequency Error
vs Power Supply
Typical Supply Current
vs Frequency
Typical Frequency Error vs RSET
Typical Supply Current
vs Temperature, 100kHz
Typical Frequency Error
vs Temperature
SUPPLY VOLTAGE (V)
2.25
–0.50
–0.40
–0.20
–0.10
0
0.50
0.20
3
4
RSET = 1M
RSET = 100k
6906 G01
–0.30
0.30
0.40
0.10
5
TEMPERATURE (°C)
–50
–5
–4
–2
–1
0
2
–30
50
90
6906 G02
–3
1
30
130 150
–10 10
70
110
RSET = 100k
RSET = 1M
3.6V
3.6V
2.25V
2.25V
RSET (kΩ)
0
–0.50
–0.30
–0.10
0.10
200
400
600
800
6906 G03
1000
0.30
0.50
–0.40
–0.20
0
0.20
0.40
1200
V+ = 5V
V+ = 2.25V
FREQUENCY (kHz)
0
0
10
30
40
50
800
90
6906 G04
20
400
200
1000
600
1200
60
70
80
V+ = 3.6V
V+ = 2.25V
CL = 5pF
TA = 25°C
LOAD CAPACITANCE (pF)
0
0
20
60
80
100
200
140
10
20
6906 G05
40
160
180
120
30
40
1MHz, 3.6V
TA = 25C
100kHz, 3.6V
1MHz, 2.25V
100kHz, 2.25V
TEMPERATURE (°C)
–60
0.60
0.70
0.80
100
6906 G06
0.50
0.40
0.55
0.65
0.75
0.45
0.35
0.30
–20
–40
20
0
60 80
120
40
140
VSET AT
V+ = 3.6V
VSET AT
V+ = 2.25V
RSET = 100k
TEMPERATURE (°C)
–50
14
16
18
110
6906 G08
12
10
13
15
17
11
9
8
–10
–30
30
10
70 90
130
50
150
ISUPPLY AT V
+ = 3.6V
ISUPPLY AT V
+ = 2.25V
CL = 5pF
TEMPERATURE (°C)
–60
55
60
70
75
80
90
–40
40
80
6906 G07
65
85
20
120 140
–20 0
60
100
ISUPPLY AT V
+ = 3.6V
ISUPPLY AT V
+ = 2.25V
CL = 5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com