Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0459 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0459
Description  ST10F27xZx CAN library
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0459 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0459 Datasheet HTML 13Page - STMicroelectronics UM0459 Datasheet HTML 14Page - STMicroelectronics UM0459 Datasheet HTML 15Page - STMicroelectronics UM0459 Datasheet HTML 16Page - STMicroelectronics UM0459 Datasheet HTML 17Page - STMicroelectronics UM0459 Datasheet HTML 18Page - STMicroelectronics UM0459 Datasheet HTML 19Page - STMicroelectronics UM0459 Datasheet HTML 20Page - STMicroelectronics UM0459 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
UM0459
Controller area network (CAN) routines
17/29
2.2.11
CAN_SetRxMsgObj function
Table 15.
CAN_SetRxMsgObj function description
Function name
CAN_SetRxMsgObj
Input parameter 1
CAN: pointer to a CAN_TypeDef structure
Prototype
ErrorStatus CAN_SetRxMsgObj(CAN_TypeDef* CAN, u16 msgobj,
u16 idType, u32 idLow, u32 idHigh, bool singleOrFifoLast);
Behavior description
Configures the message object as RX. This message receives all
message objects with id between idLow and idHigh values and whose
id type corresponds to the idType passed as a parameter.
This function performs the following operations:
– Searches for a free message interface from IF0 and IF1.
– Sets the WR/RD, Mask, Arb, Control, DataA and DataB bits in the
Command Mask register.
– Writes the ID mask value generated by idLow and idHigh in the
Mask1 and Mask2 registers,
– Sets M_XTD (to filter according to IDE) and MDIR to filter remote
frames.
– Writes the ID arbitration value generated by idLow and idHigh in the
Arb1 and Arb2 registers, set the MsgVal bit, and also Xtd bit in the
Arb2 register if extended ID is used.
– Sets the RxIE and UMask bits in the Message Control register, and
also the EoB bit if the parameter singleOrFifoLast is TRUE. Clears the
DataA1, DataA2, DataB1, DataB2 registers.
– Writes the value 1+msgobj to the Command Request register to copy
the selected registers into the message RAM.
Input parameter 2
msgobj: message object number, from 0 to 31.
Input parameter 3
idType: the identifier type of the frames that is transmitted using this
message object. The value is one of the following:
CAN_STD_ID (standard ID, 11-bit)
CAN_EXT_ID (extended ID, 29-bit)
Input parameter 4
idLow: the lower part of the identifier range used for acceptance
filtering.
It can have values from 0 to 0x7FF for standard IDs, and values from 0
to 0x1FFFFFFF for extended IDs.
Input parameter 4
idHigh: the higher part of the identifier range used for acceptance
filtering.
It can have values from 0 to 0x7FF for standard IDs, and values from 0
to 0x1FFFFFFF for extended IDs.
idHigh must be above idLow.
For convenience, use one of the following values to set the maximum
ID: CAN_LAST_STD_ID or CAN_LAST_EXT_ID
Input parameter 5
singleOrFifoLast: End-of-buffer indicator, it can have the following
values:
– TRUE for a single receive object or a FIFO receive object that is the
last one in the FIFO
– FALSE for a FIFO receive object that is not the last one
Output parameter
None
Return value
An ErrorStatus enumeration value:
– SUCCESS: Interface to handle the message
– ERROR: No interface to handle the message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com