Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0459 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0459
Description  ST10F27xZx CAN library
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0459 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0459 Datasheet HTML 15Page - STMicroelectronics UM0459 Datasheet HTML 16Page - STMicroelectronics UM0459 Datasheet HTML 17Page - STMicroelectronics UM0459 Datasheet HTML 18Page - STMicroelectronics UM0459 Datasheet HTML 19Page - STMicroelectronics UM0459 Datasheet HTML 20Page - STMicroelectronics UM0459 Datasheet HTML 21Page - STMicroelectronics UM0459 Datasheet HTML 22Page - STMicroelectronics UM0459 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
UM0459
Controller area network (CAN) routines
19/29
2.2.12
CAN_ReleaseMessage function
Example:
This example illustrates how to release the message object 0 of CAN2.
{
CAN_ReleaseMessage(CAN2, 0);
}
2.2.13
CAN_SendMessage function
Table 16.
CAN_ReleaseMessage function description
Function name
CAN_ReleaseMessage
Prototype
ErrorStatus CAN_ReleaseMessage(CAN_TypeDef* CAN, u16 msgobj);
Behavior description
Releases the message object.
This function searches for a free message interface from IF0 and IF, sets
the ClrIntPnd and TxRqst/NewDat bits in the Command Mask register
and writes the 1+msgobj value to the Command Request register to copy
the selected registers into the message RAM.
Input parameter 1
CAN: pointer to a CAN1 or CAN2 CAN_TypeDef structure.
Input parameter 2
msgobj: message object number, from 0 to 31.
Output parameter
None
Return value
An ErrorStatus enumeration value:
– SUCCESS: Interface to treat the message
– ERROR: No interface to treat the message
Required preconditions
None
Called functions
CAN_GetFreeIF()
Table 17.
CAN_SendMessage function description
Function name
CAN_SendMessage
Prototype
ErrorStatus CAN_SendMessage(CAN_TypeDef* CAN, u16 msgobj,
canmsg* pCanMsg);
Behavior description
Updates the CAN message object with the pCanMsg fields and starts
the transmission of the message.
Input parameter 1
CAN: Pointer to a CAN1 or CAN2 CAN_TypeDef structure.
Input parameter 2
msgobj: message object number, from 0 to 31.
Input parameter 3
pCanMsg: Pointer to the canmsg structure that contains the data to
transmit: ID type, ID value, data length, data values.
Output parameter
None
Return value
An ErrorStatus enumeration value:
– SUCCESS: Transmission started OK
– ERROR: No transmission started
Required preconditions
The message object must have been set up properly.
Called functions
CAN_UpdateMsgObj()
CAN_TransmitRequest()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com