Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD161602AB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD161602AB Datasheet HTML 5Page - Renesas Technology Corp PD161602AB Datasheet HTML 6Page - Renesas Technology Corp PD161602AB Datasheet HTML 7Page - Renesas Technology Corp PD161602AB Datasheet HTML 8Page - Renesas Technology Corp PD161602AB Datasheet HTML 9Page - Renesas Technology Corp PD161602AB Datasheet HTML 10Page - Renesas Technology Corp PD161602AB Datasheet HTML 11Page - Renesas Technology Corp PD161602AB Datasheet HTML 12Page - Renesas Technology Corp PD161602AB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet S15381EJ1V0DS
7
µµµµPD161602A/B
3. PIN FUNCTIONS
(1/2)
Pin Symbol
Pin Name
Pad No.
I/O
Description
S1 to S396
Driver output
1 to 396 Output The D/A converted 64-gray-scale analog voltage is output.
Osel = L: S1 to S396
Osel = H: S19 to S378
D00 to D05
477 to 472
D10 to D15
471 to 466
D20 to D25
Display data input
442 to 437
Input The display data is input with a width of 18 bits, viz., the gray scale data (6 bits) by 3
dots (1 pixels).
DX0: LSB, DX5: MSB
R,/L
Shift direction
control input
429
Input These refer to the shift direction control input.
The shift directions of the shift registers are as follows.
<When in Osel = L>
R,/L = L (left shift): STHL (input), S396
→ S1 → STHR (output)
R,/L = H (right shift) : STHR (input), S1
→ S396 → STHL (output)
<When in Osel = H>
R,/L = L (left shift): STHL (input), S378
→ S19 → STHR (output)
R,/L = H (right shift) : STHR (input), S19
→ S378 → STHL (output)
STHR
Right shift start
pulse input/output
498
I/O
STHL
Left shift start
pulse input/output
410
I/O
These refer to the start pulse I/O pins when driver ICs are connected in cascade.
Fetching of display data starts when H is read at the rising edge of CLK.
R,/L = H (right shift): STHR input, STHL output
R,/L = L (left shift): STHL input, STHR output
CLK
Shift clock input
443
Input This pin is the shift clock input of the shift register.
Display data is captured into the data register at the rising edge.
Osel = L: The start pulse output enters high level at the rising edge of the 132 th clock
following the start pulse input, and becomes the start pulse of the next level
driver. The 133th clock of the first driver becomes the start pulse input of the
next driver
Osel = H: The start pulse output enters high level at the rising edge of the 120th clock
following the start pulse input, and becomes the start pulse of the next driver.
The 121th clock of the first driver becomes the start pulse input of the next
driver.
STB
Latch input
436
Input A timing signal that latches the contents of the data register. When an H level is read
at the rising edge of CLK, the contents of the data register are latched and transferred
to the D/A converter, and analog voltage corresponding to the display data is output.
Also, because the internal operation via CLK continues even after the STB latch, do
not stop CLK. The contents of the shift register are cleared at the rising edge of STB.
Following a 1-pulse input at startup, this IC will operate normally. Note that the output
switch is turned off at the rising edge of STB.
For the STB input timing, refer to Switching Characteristics Waveform.
POL
Polarity inversion
signal
434
Input This pin inverts the output polarity. The polarity inversion signal data is captured at the
rising edge of STB. The
γ -resistor is switched in accordance with the positive/negative
polarity.
POL = L: Negative polarity
POL = H: Positive polarity
INV
Data inversion
465
Input This pin inverts the input data. Input data in synchronization with the shift clock.
INV = L: Normal input
INV = H: Data inversion input
VCOM
COM amplitude
output
409
Output This pin inverts the signal input from the POL pin and outputs it following conversion to
the VDD2 potential at the rising edge of STB. When the VCOM output is not used, VCsel
must be fixed to L.
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com