Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD161602AB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD161602AB Datasheet HTML 1Page - Renesas Technology Corp PD161602AB Datasheet HTML 2Page - Renesas Technology Corp PD161602AB Datasheet HTML 3Page - Renesas Technology Corp PD161602AB Datasheet HTML 4Page - Renesas Technology Corp PD161602AB Datasheet HTML 5Page - Renesas Technology Corp PD161602AB Datasheet HTML 6Page - Renesas Technology Corp PD161602AB Datasheet HTML 7Page - Renesas Technology Corp PD161602AB Datasheet HTML 8Page - Renesas Technology Corp PD161602AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS INTEGRATED CIRCUIT
µµµµPD161602A/B
360/396-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 64-GRAY SCALES)
DATA SHEET
Document No. S15381EJ1V0DS00 (1st edition)
Date Published May 2002 NS CP (K)
Printed in Japan
The mark
# shows major revised points.
DESCRIPTION
The
µ PD161602A/B is a source driver for TFT-LCDs supporting 64 gray-scale display and can operate with a
supply voltage of 2.5 V for the logic block and 5.0 V for the driver block. Data input as 6-bit x 3-dot digital data is
output as 64
γ -corrected values using an internal D/A converter and 5 external power modules, thus achieving a
260,000-color (full-color) display. In addition, the difference with A articles and B articles is only a difference in
γ compensation resistance.
FEATURES
• CMOS level input
• 360/396 outputs
• Input of 6 bits (gray-scale data) by 3 dots
• Capable of outputting 64 values by means of 5 external power modules and a D/A converter
• Output dynamic range: VSS2 to VDD2
• High-speed data transfer: fCLK = 15 MHz MAX. (internal data transfer speed when operating at VDD1 = 2.5 V)
• Level inversion
γ -correction power supply is possible
• Logic power supply voltage (VDD1): 2.2 to 3.6 V
• Driver power supply voltage (VDD2): 4.5 to 5.5 V
ORDERING INFORMATION
Part Number
Package
µ PD161602AP
Chip
µ PD161602BP
Chip
Remark Purchasing the above chip entail the exchange of documents such as a separate memorandum or product
quality, so please contact one of our sales representatives.
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com