Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3496 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3496

3496ff
typical applications
Minimum BOM Buck Mode LED Driver
300:1 PWM Dimming at 120Hz
Efficiency
0.3A
C4
0.22µF
C5
0.22µF
C6
0.22µF
LED1
330m
330m
PVIN
42V
7 LEDs
L1
15µH
L2
15µH
L3
15µH
CAP1
0.3A
LED2
CAP2
0.3A
LED3
C1-C3
1µF
3
330m
22k
470pF
3496 TA07a
CAP3
SW1
D1
D2
D3
OPEN
SW2
LT3496
GND
SW3
TG1, TG2, TG3
VC1, VC2, VC3
VREF
CTRL1, CTRL2, CTRL3
fADJ
OVP1, OVP2, OVP3
CAP1, CAP2, CAP3
LED1, LED2, LED3
VIN
PWM1, PWM2, PWM3
SHDN
PWM1, PWM2, PWM3
SHDN
VIN
3V
C7
1µF
C1-C3, C7: MURATA GRM31MR71H105KA88
C4-C6: MURATA GRM21BR71H224KA01
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 150M
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.5A/DIV
5µs/DIV
3496 TA07b
ILED (mA)
0
75
80
85
90
95
100
50
100
150
200
3496 TA07c
250
300
PWM = 3V
CTRL = 0V TO 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com