Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3496 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 2 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3496

3496ff
absolute MaxiMuM ratings
VIN (Note 4)...............................................................40V
SW1, SW2, SW3, LED1, LED2, LED3,
CAP1, CAP2, CAP3....................................................45V
TG1, TG2, TG3.................................... CAP – 10V to CAP
PWM1, PWM2, PWM3..............................................20V
VREF, CTRL1, CTRL2, CTRL3, fADJ, VC1, VC2, VC3,
OVP1, OVP2, OVP3..................................................2.5V
SHDN (Note 4) ...........................................................VIN
(Note 1)
pin conFiguration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SHDN
PWM3
PWM2
PWM1
VREF
CTRL3
CTRL2
CTRL1
fADJ
VC3
VC2
VC1
OVP3
OVP2
VIN
TG3
LED3
CAP3
SW3
SW2
CAP2
LED2
TG2
SW1
CAP1
LED1
TG1
OVP1
29
θJA = 30°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
9 10
TOP VIEW
29
UFD PACKAGE
28-LEAD (4mm 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
PWM1
VREF
CTRL3
CTRL2
CTRL1
fADJ
VC3
VC2
CAP3
SW3
SW2
CAP2
LED2
TG2
SW1
CAP1
7
17
18
19
20
21
22
16
8
15
θJA = 34°C/W, θJC = 2.7°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3496EFE#PBF
LT3496EFE#TRPBF
3496FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3496IFE#PBF
LT3496IFE#TRPBF
3496FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3496EUFD#PBF
LT3496EUFD#TRPBF
3496
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3496IUFD#PBF
LT3496IUFD#TRPBF
3496
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3496HUFD#PBF
LT3496HUFD#TRPBF
3496
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
orDer inForMation
Operating Junction Temperature Range (Notes 2, 6)
LT3496E ............................................ –40°C to 125°C
LT3496I ............................................. –40°C to 125°C
LT3496H............................................ –40°C to 150°C
Storage Temperature Range
QFN.................................................... –65°C to 150°C
TSSOP ................................................. 65°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP ..............................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com