Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS-R5-200 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLS-R5-200
Description  LED strip light, Mono color, 5mm LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-R5-200 Datasheet(HTML) 1 Page - BetLux Electronics

  TLS-R5-200 Datasheet HTML 1Page - BetLux Electronics TLS-R5-200 Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  
LED STRIP LIGHT, Through-hole , MONO COLOR
TLS-R5-200
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  Features:
Ø
LED strip light, Mono color, 5mm LEDs
Ø
Ultra brightness available
Ø
5mm LED lamps
Ø
LED color: Red, Green, Blue, Yellow, white
Ø
LED service life: 50,000-100,000hrs
Ø
Power supply: INPUT: 120VAC 60 Hz ; OUTPUT: 12VDC 500mA
Ø
Application: commercial, residential and industrial environments;
Ø
can be used as backlighting in decoration and advertisement; can be used in illumination devices
n
Electrical-optical characteristics: (Ta=25
)
℃
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(n
m)
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2(
deg)
TLS-R5-200UEC
Ultra Orange
AlGaInP
630
11.5
12.5
260
600
TLS-R5-200UYC
Ultra Yellow
AlGaInP
590
11.5
12.5
260
500
TLS-R5-200UGC
Ultra Green
AlGaInP
574
11.5
12.5
120
250
TLS-R5-200PGC
Ultra Pure Green
InGaN
525
11.5
12.5
800
2000
TLS-R5-200BGC
Ultra Bluish Green
InGaN
505
11.5
12.5
700
1800
TLS-R5-200UBC
Ultra Blue
InGaN
470
11.5
12.5
650
1800
TLS-R5-200UWC
Ultra White
InGaN
/
11.5
12.5
1000
2500
90
n
Full set of LED strip picture


Similar Part No. - TLS-R5-200

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UBC BETLUX-TLS-1W-M35UBC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35UBC BETLUX-TLS-1W-M35UBC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Similar Description - TLS-R5-200

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-ML45 BETLUX-TLS-1W-ML45 Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-L40 BETLUX-TLS-FL-L40 Datasheet
130Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-S40A BETLUX-TLS-FL-S40A Datasheet
76Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-SMD-S32A-5050 BETLUX-TLS-SMD-S32A-5050 Datasheet
338Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
LED strip light, Mono color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
TLS-SMD-S32A-3528 BETLUX-TLS-SMD-S32A-3528 Datasheet
328Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com