Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0629 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 17Page - STMicroelectronics UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics UM0629 Datasheet HTML 23Page - STMicroelectronics UM0629 Datasheet HTML 24Page - STMicroelectronics UM0629 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Figure 14.
STM8L1/L2 motherboard audio
STMicroelectronics
Title:
Number:
Rev:
Sheet
A.1(PCB.SCH)
Date:
1/21/2009
1
2
U11
KECG2740TBL
2
1
U9
KDMG15008-03
C39
180pF
C28
100nF
R60
100K
R61
100K
Standby
1
Bypass
2
Vin+
3
Vin-
4
Uout1
5
VCC
6
GND
7
Vout2
8
U10
TS4871IST
R50
10K
JP10
+3V3
+3V3
C27
100nF
C34
2.2uF
R57
33K
R52
47K
C30
470pF
C35
2.2uF
C36
100uF
TP1
Audio
TP2
MIC_OUT
TP3
MIC+
R56
1K
R51
100
R59
2.2K
C37
47pF
MCU_VDD
R64
15K
R58
0(don't solder)
R47
0
2
RV2
50K
2
RV3
do not fit
Speaker+
Speaker-
1
10
2
CN9
ST-613
C38
do not fit
R48
0
R49
0
Audio_PWM
MIC_OUT
Speaker
Microphone
4
3
1
U12
TS461CLT
C29
10uF
C40
4.7uF
C42
2.2uF
R62
18K
MCU_VDD
R65
82K
R63
680
C41
4.7uF
MCU_VDD
R53
1.2K
C31
33nF
MB709
STM8L1/L2-MB Audio
1
2
3
JP9
BEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com