Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0629 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 18Page - STMicroelectronics UM0629 Datasheet HTML 19Page - STMicroelectronics UM0629 Datasheet HTML 20Page - STMicroelectronics UM0629 Datasheet HTML 21Page - STMicroelectronics UM0629 Datasheet HTML 22Page - STMicroelectronics UM0629 Datasheet HTML 23Page - STMicroelectronics UM0629 Datasheet HTML 24Page - STMicroelectronics UM0629 Datasheet HTML 25Page - STMicroelectronics UM0629 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
4.2
STM8L1-DB daughterboard schematic
Figure 16.
Daughterboard schematic
1
2
34
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.1(PCB.SCH)
Date:
10/12/2009
PA1/NRST
1
PA2
2
PA3
3
PA4/TIM2_BKIN
4
PA5/TIM3_BKIN
5
PA6/COMP_REF
6
VSS
7
VDD
8
PD0/TIM3_CH2/COMP1_CH3
9
PD1/TIM3_TRIG/COMP1_CH4
10
PD2/COMP2_CH3
11
PD3/COMP2_CH4
12
PB0/TIM2_CH1/COMP1_CH1
13
PB1/TIM3_CH1/COMP1_CH2
14
PB2/ TIM2_CH2/COMP2_CH1
15
PB3/TIM2_TRIG/COMP2_CH2
16
PB4/SPI_NSS
17
PB5/SPI_SCK
18
PB6/SPI_MOSI
19
PB7/SPI_MISO
20
PD4
21
PD5
22
PD6
23
PD7
24
PC0/I2C_SDA
25
PC1/I2C_SCL
26
PC2/USART_RX
27
PC3/USART_TX
28
PC4/USART_CK/CCO
29
PC5
30
PC6
31
PA0/SWIM/BEEP/IR_TIM
32
U1
STM8L101K3T
MB710
1
1
STM8L1-DB
JP1
C3
100nF
VDD
MCU_VDD
QFP32 and OTQ-32-0.8-02 double footprint
PA1
PA2
PA3
PA4
PA5
PA6
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PA0
R2
820
Extension connector
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
CN3
QTH-030-01-L-D-A
60-pins Connector for STICE
RESET#
PA2
PA3
PA4
PA5
PA6
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
VDD
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PA0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
CN1
SSQ-118-03-G-D
PA1
PA2
PA4
PA5
PA6
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PA3
PC4
PA0
PC5
PC6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
CN2
SSQ-118-03-G-D
D5V
RESET#
MCU_VDD
PB4
PB5
PB6
PB7
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
Left
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com