Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0853 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 17Page - STMicroelectronics UM0853 Datasheet HTML 18Page - STMicroelectronics UM0853 Datasheet HTML 19Page - STMicroelectronics UM0853 Datasheet HTML 20Page - STMicroelectronics UM0853 Datasheet HTML 21Page - STMicroelectronics UM0853 Datasheet HTML 22Page - STMicroelectronics UM0853 Datasheet HTML 23Page - STMicroelectronics UM0853 Datasheet HTML 24Page - STMicroelectronics UM0853 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
UM0853
How to control the RF and I²C channels from your screen
Doc ID 16609 Rev 3
21/56
3.2.3
Get System Info command
The Get System Info button launches a Get System Info command, thus filling the System
info fields.
Figure 30.
Get System Info button
3.2.4
Viewing RF requests and answers
Figure 31.
RF TAG REQUEST/ANSWER report
The RF TAG REQUEST report button shows the RF request sent by the RF reader to the
tag.
The RF TAG ANSWER report button shows the RF answer from the tag, detected by the
RF reader.
Figure 32 shows an example of a reader’s RF request and the corresponding answer from
the tag.
Figure 32.
RF request and RF answer
The RF read request is at address 0000. The RF answer is the read data: FF D8 FF E0.
3.2.5
Selecting the RF mode
The RF ISO 15693 protocol allows the user to communicate in RF in three different modes:
the Non-addressed mode, the Addressed mode and the Select mode. For further details,
please refer to the M24LRxx datasheet.
The Non-addressed, Addressed or Select mode can be selected by clicking on the desired
mode as shown in Figure 33, Figure 34 or Figure 35.
Non-addressed mode
Selecting the Non-addressed mode clears the bits 5 and 6 in the Request_flags of the RF
request (bit 5 = 0, bit 6 = 0).
The request is executed by any M24LRxx device (please refer to the M24LRxx datasheet for
details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com