Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0853 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 18Page - STMicroelectronics UM0853 Datasheet HTML 19Page - STMicroelectronics UM0853 Datasheet HTML 20Page - STMicroelectronics UM0853 Datasheet HTML 21Page - STMicroelectronics UM0853 Datasheet HTML 22Page - STMicroelectronics UM0853 Datasheet HTML 23Page - STMicroelectronics UM0853 Datasheet HTML 24Page - STMicroelectronics UM0853 Datasheet HTML 25Page - STMicroelectronics UM0853 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
How to control the RF and I²C channels from your screen
UM0853
22/56
Doc ID 16609 Rev 3
Figure 33.
Selecting the Non-addressed mode
Addressed mode
Selecting the Addressed mode clears bit 5 and sets bit 6 in the Request_flags of the RF
request (bit 5 = 0, bit 6 = 1).
The request is addressed. The UID field is present (please refer to the M24LRxx datasheet
for details).
After an Inventory command (see Section 3.2.2: Inventory command), you will be able to
click on an UID to select a specific tag. The desired UID will be sent with the request if the
Addressed mode is chosen.
If no specific UID tag is selected, the device sends “00 00 00 00 00 00 00 00” instead of the
UID value.
Figure 34.
Selecting the Addressed mode
Select mode
Selecting the Select mode sets bit 5 and clears bit 6 in the Request_flags of the RF request
(bit 5 = 1 and bit 6 = 0).
The request is executed only by the M24LRxx device in the Select State (please refer to the
M24LRxx datasheet for details).
To select a tag, refer to the SELECT paragraph below, and to the M24LRxx datasheet
(Select paragraph).
Figure 35.
Selecting the Select mode
3.2.6
Managing M24LRxx states
The M24LRxx can be in different states: Power-off, Ready, Quiet and Selected (refer to the
M24LRxx datasheet for details).
The interface shown in Figure 36 is used to send three types of RF request to place the
M24LRxx in one out of three specific states: Selected, Quiet and Ready.
Figure 36.
Device state management interface
SELECT
The SELECT button is used to send a Select RF request with the UID of a specific tag
(Section 3.2.2: Inventory command) (refer to the M24LRxx datasheet for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com