Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0991 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0991
Description  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 24Page - STMicroelectronics UM0991 Datasheet HTML 25Page - STMicroelectronics UM0991 Datasheet HTML 26Page - STMicroelectronics UM0991 Datasheet HTML 27Page - STMicroelectronics UM0991 Datasheet HTML 28Page - STMicroelectronics UM0991 Datasheet HTML 29Page - STMicroelectronics UM0991 Datasheet HTML 30Page - STMicroelectronics UM0991 Datasheet HTML 31Page - STMicroelectronics UM0991 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Building and running your project
UM0991
28/52
Doc ID 17891 Rev 2
5.1.2
Application code examples
The application code examples are located in the Project directory:
●
Discover
The Discover demonstration firmware comes preprogrammed in the STM8L-
DISCOVERY. This demo displays the STM8L152C6T6 Idd consumption on the STM8L-
Discovery LCD while the MCU is in Run or in low power saving modes. This example
uses the STM8L15x standard firmware library. For more details on the Discover
application code implementation and library configuration, refer to application note
AN3269 Discover STM8L15xx power saving modes using the built-in Idd measurement
feature of STM8L-Discovery. The Discover application project is compatible both with
Cosmic, Raisonance compilers and also with IAR Embedded Workbench.
●
WavesGenerator
This application transforms the STM8L-Discovery into a basic wave generator. This
code has been optimized and use only the LCD driver of the library. Refer to application
note AN3252 Building a wave generator using the STM8L-DISCOVERY for details on
the WavesGenerator application software code implementation and library
configuration.
The WavesGenerator project is compatible both with Cosmic and Raisonance
compilers and also with IAR Embedded Workbench.
●
Project_template
This directory contains a standard project template that should be used to start any
application software development.
5.1.3
Project structure
Each project is structured as follows:
●
inc
This directory contains all the header files for your application, including the
configuration files for the standard firmware library (STM8L15x_conf.h). These files are
used to tailor the library for your application.
●
src
This directory contains all the source files dedicated to your application code, such as
main.c, stm8l15x_it.c, and stm8_interrupt_vector.c (interrupt mapping file used only for
Cosmic compiler).
●
STVD\Cosmic (or \Raisonance)
This directory is used to store STVD workspace files (for example discover.stw). It
includes the project and workspace for the Cosmic or Raisonance compiler, depending
on the compiler you have selected.
●
EWSTM8
This directory is used to store IAR Embedded Workbench workspace files (for example
discover.eww). It also include the project file (for example discover.ewp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com