Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0991 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0991
Description  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 42Page - STMicroelectronics UM0991 Datasheet HTML 43Page - STMicroelectronics UM0991 Datasheet HTML 44Page - STMicroelectronics UM0991 Datasheet HTML 45Page - STMicroelectronics UM0991 Datasheet HTML 46Page - STMicroelectronics UM0991 Datasheet HTML 47Page - STMicroelectronics UM0991 Datasheet HTML 48Page - STMicroelectronics UM0991 Datasheet HTML 49Page - STMicroelectronics UM0991 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Building, debugging and running your application with STVD
UM0991
46/52
Doc ID 17891 Rev 2
6
Building, debugging and running your application
with STVD
Once your have developed your application code, created your workspace environment, and
launched STVD, you can start building, debugging and programming your application for the
target microcontroller.
Note:
This section refers to STVD, if you are using IAR Embedded Workbench, please refer to the
IAR Getting Started documentation.
6.1
Building your application
Once your project is created, the build context is enabled by default. It allows to access all
the commands required to set up, customize, and build your application.
The build configuration is available by selecting Build>Configurations from the STVP main
menu toolbar. It allows you to change the application building settings.
Two preset configurations are available in STVD:
●
Debug
This configuration creates a version of your application that allows using all the STVD
advanced debugging features. When using this configuration, output files are saved in
the Debug directory in your workspace directory.
●
Release
This configuration creates a version of your application that uses the default
optimization for your toolset. This version of your application is ready to be
programmed to your target microcontroller.
Follow the sequence below to build a project:
1.
Ensure that the Debug configuration is selected by clicking Build>Configurations. If
the Debug configuration is not selected, highlight it and click Set Active (see
Figure 40).
Figure 40.
Selecting the project configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com