Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1494 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1494
Description  The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1494 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1494 Datasheet HTML 9Page - STMicroelectronics UM1494 Datasheet HTML 10Page - STMicroelectronics UM1494 Datasheet HTML 11Page - STMicroelectronics UM1494 Datasheet HTML 12Page - STMicroelectronics UM1494 Datasheet HTML 13Page - STMicroelectronics UM1494 Datasheet HTML 14Page - STMicroelectronics UM1494 Datasheet HTML 15Page - STMicroelectronics UM1494 Datasheet HTML 16Page - STMicroelectronics UM1494 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
UM1494
Triac control
Doc ID 022519 Rev 1
13/23
4
Triac control
4.1
Maximum allowed load current
Maximum allowed current depends on the ability of the device to dissipate the energy into
ambient to keep the junction of the device at 125 °C (150 °C for high temperature Triac).
Refer also to AN533.
Dissipated power for full wave operation is given by:
Equation 1 Dissipated power estimation
where Vto (V) and Rd (Ω) values are given by the AC switch datasheets.
Maximum junction temperature of the device is then:
Equation 2 Maximum junction temperature estimation
where Tamb (°C) is ambient temperature, and Rth(j-a) (°C/W) is junction to ambient thermal
resistance. Thermal resistance consists of one part in the case of SMD package and is
defined in the datasheet depending on the PCB heatsink area.
Table 2 gives the maximum RMS current each ACS/Triac can control, at maximum ambient
temperature 60 °C, to keep junction temperature below max. allowed value.
Dissipated power during the ON state (PD) is given for indication.
Higher load current can be controlled using forced cooling. The AN533 is dedicated for a full
description of thermal management.
4.2
Gate current width and minimum load current
Gate current pulse is generated by the MCU. The length of the pulse is set by software and
can be changed separately for each load. Gate current pulse length is an important value to
be set according to minimum load current. Load current must reach latching current level to
keep Triac ON before the gate pulse is removed. Latching current (IL) is specified in the AC
switch datasheet. It is important to check for low power loads when RMS current is low as it
takes a longer time for the load current to reach latching current level. When gate current is
Table 2.
Maximum load RMS current for Tamb = 60 °C
AC switch
Package
PCB heatsink
(cm2)
Rth(j-a)
(°C/W)
RMS current
(A)
PD
(W)
ACS108
SMBFlat
1
115
0.56
0.55
T1010H-6G
D2PAK
3
40
2.6
2.15
P
d
V
to
l
RM S
R
d lRMS
2 )
(
+
•
=
T
j
T
amb
P
d
R
th j
a
–
()
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com