Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1494 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1494
Description  The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1494 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1494 Datasheet HTML 15Page - STMicroelectronics UM1494 Datasheet HTML 16Page - STMicroelectronics UM1494 Datasheet HTML 17Page - STMicroelectronics UM1494 Datasheet HTML 18Page - STMicroelectronics UM1494 Datasheet HTML 19Page - STMicroelectronics UM1494 Datasheet HTML 20Page - STMicroelectronics UM1494 Datasheet HTML 21Page - STMicroelectronics UM1494 Datasheet HTML 22Page - STMicroelectronics UM1494 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
UM1494
STEVAL-IHT007V1 demonstration board
Doc ID 022519 Rev 1
21/23
A.5
Bill of material
Table 6.
Bill of material
Designator
Value
Description
Vendor
ACS108-6SUF
0.8 A overvoltage protected AC switch
STMicroelectronics™
D2
5.6 V
Zener diode
P1
Header, 3-pin
P6KE400CA
600 W 400 V Transil™
STMicroelectronics
R15
Varistor 275 V R = 14 mm
EPCOS/B72214S0271
T1010H-6G
10 A 600 V, high temperature Triac
STMicroelectronics
D1, D3
1N4007
1 A, 1000 V diode
J1, J2
ARK128V-A-3P
CN1, CN2,
CN3
Header, 6-pin, dual row
U1, U2, U3
PC817
4-pin phototransistor opto-coupler
R1, R2
10 k
Ω
1% resistor, 0805 SMD
R3
27 K
Ω
1% resistor, 0805 SMD
R4
510
Ω
1% resistor, 1206 SMD
R5
510
Ω
1% resistor, 0805 SMD
R7
1 k
Ω
1% resistor, 0805 SMD
R6, R8
300
Ω
1%resistor, 0.6 W, through hole
R9
120
Ω
5% resistor, 2 W, wire, flameproof
R10
100
Ω
1% resistor, 0207 SMD, high peak power
Farnell/3086720
R11, R12
51 k
Ω
1% resistor, 0.6 W, through hole
R13, R14
75
Ω
1% resistor, 0.6 W, through hole
C1, C2
10 nF
10% capacitor, 50 V, 0805 SMD
C3
1 nF
10% capacitor, 50 V, 0805 SMD
C4
1 mF
20% polarized capacitor, 16 V, through
hole
C5
470 nF
Capacitor 470 nF/X2
EPCOS/B32922C3474
C6, C7, C8, C9
10 nF
Capacitor 10 nF/X2
EPCOS/B32921C3103
B1, B2
SMD button
SMD button DTSM24N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com