Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1510 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 17Page - STMicroelectronics UM1510 Datasheet HTML 18Page - STMicroelectronics UM1510 Datasheet HTML 19Page - STMicroelectronics UM1510 Datasheet HTML 20Page - STMicroelectronics UM1510 Datasheet HTML 21Page - STMicroelectronics UM1510 Datasheet HTML 22Page - STMicroelectronics UM1510 Datasheet HTML 23Page - STMicroelectronics UM1510 Datasheet HTML 24Page - STMicroelectronics UM1510 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
UM1510
Running the demonstration
Doc ID 022713 Rev 1
21/69
2.3.4
Internal memory size
Figure 14.
Internal Flash memory organization
2.3.5
External memory organization
The STM32L152D-EVAL demo is based on an embedded free FAT file system, FatFs. The
file system is needed to read all media information from the on-board MicroSD card
memory. The SD card memory is organized in three subdirectories:
●
STFILES: this directory contains all the required demo media files (icons, waves and
slides). User files located in this folder cannot be handled by demo; only default files
are managed.
●
USER: this is a user folder. The user can add his/her own files here to be played inside
the demo menus (pictures and waves). This folder is used only by the Image Viewer
and Wave Player submenus. For more details on the various files properties, please
refer to Section 2.4.3: Image Viewer submenu and Section 2.4.4: Wave Player
submenu.
●
REC: this directory contains the voice recorded wave file “Rec_wave.wav“.(This Folder
will be created when the Voice Recording application is run).
Note:
The STFILES directory and its internal files are mandatory for demo startup. FatFs is a
generic FAT file system module for small embedded systems. The FatFs is written in
compliance with ANSI C and completely separated from the disk I/O layer. For more details,
refer to the following link: http://elm-chan.org/fsw/ff/00index_e.htmltml.
EXTI line 17
RTC Alarm (interrupt mode, rising edge)
EXTI line 20
RTC wake up (interrupt mode, rising edge)
EXTI line 22
Comparator (interrupt mode, rising and falling edge)
Table 3.
STM32L152ZD demo external interrupts (continued)
External interrupts
Used for
S T M 3 2L1 52 Z D T 6
0x 08 00 000 0
0 x 0 8 0 5 FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com