Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1510 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1510
Description  STM32L152D-EVAL demonstration firmware
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1510 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1510 Datasheet HTML 19Page - STMicroelectronics UM1510 Datasheet HTML 20Page - STMicroelectronics UM1510 Datasheet HTML 21Page - STMicroelectronics UM1510 Datasheet HTML 22Page - STMicroelectronics UM1510 Datasheet HTML 23Page - STMicroelectronics UM1510 Datasheet HTML 24Page - STMicroelectronics UM1510 Datasheet HTML 25Page - STMicroelectronics UM1510 Datasheet HTML 26Page - STMicroelectronics UM1510 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
UM1510
Running the demonstration
Doc ID 022713 Rev 1
23/69
Figure 16.
SD card removal
2.4
Demo applications
The following section provides a detailed description of each part of the demonstration.
Note:
In the demonstration, the core runs at HCLK = 32 MHz.
Four LEDs (LD1, LD2, LD3 and LD4) flash throughout the demonstration at a frequency
depending on the core clock.
2.4.1
Product presentation
This part of the demo is dedicated to the listing of all the embedded STM32L152ZD(T6)
peripherals and features. This presentation of the microcontroller is made with a set of
slides accompanied by a speech. Each slide is associated with a dedicated speech (wave
file). When the user starts the product presentation, the first slide appears and the
corresponding speech starts. Once the speech is finished, the second slide is displayed
accompanied by its speech, and so on until the last slide.
When the Product presentation menu is selected, the message shown in Figure 17 is
displayed on the LCD screen.
Figure 17.
Product presentation is ready to start
Err: SDCard Removed
Please check SD Card
Press JoyStick UP to
Restart the demo...
Put the Headphone into
When presentation
starts use RIGHT and
LEFT to go to the
next/previous slide
and SEL to exit
your ears and press
SEL to start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com