Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLL-E12S-061-R32 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-E12S-061-R32
Description  Save-Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-E12S-061-R32 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-E12S-061-R32 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Spot Lamp
TLL-E12S-061-XX
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Save-Lamp
Ø
Product Number:   TLL-E12S-061-XX
Ø
Led quautity:   25pcs/32pcs
Ø
Voltage:   110V/220-240V
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Base:   E12
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/pcs
n
Applications
widely used in Super Market, Hotel, Tavern, Night Club, Disco Hall, Karaoke Room, Coffee House, Bank, Meeting Room,
Exhibition Hall, Exhibition Wardrobe, Show Window, Living House.
n
Electrical-optical characteristics (Ta=25°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-E12S-061-R25
25
Red
110/220
2.5
14
50000
E27
TLL-E12S-061-Y25
25
Yellow
110/220
2.5
17
50000
E27
TLL-E12S-061-B25
25
Blue
110/220
2.5
17
50000
E27
TLL-E12S-061-G25
25
Green
110/220
2.5
32
50000
E27
TLL-E12S-061-w25
25
White
110/220
2.5
39
50000
E27
TLL-E12S-061-R32
32
Red
110/220
3
18
50000
E27
TLL-E12S-061-Y32
32
Yellow
110/220
3
21
50000
E27
TLL-E12S-061–B32
32
Blue
110/220
3
21
50000
E27
TLL-E12S-061-G32
32
Green
110/220
3
40
50000
E27
TLL-E12S-061-w32
32
White
110/220
3
50
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
E27


Similar Part No. - TLL-E12S-061-R32

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E12B63-061 BETLUX-TLL-E12B63-061 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
TLL-E12B63-061-B25 BETLUX-TLL-E12B63-061-B25 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
TLL-E12B63-061-G25 BETLUX-TLL-E12B63-061-G25 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
TLL-E12B63-061-R25 BETLUX-TLL-E12B63-061-R25 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
TLL-E12B63-061-w25 BETLUX-TLL-E12B63-061-w25 Datasheet
50Kb / 1P
Mushroom shape bulb
REV NO: V.1
More results

Similar Description - TLL-E12S-061-R32

ManufacturerPart #DatasheetDescription
logo
Winbond
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
TONE/PULSE DIALER WITH SAVE FUNCTION
logo
List of Unclassifed Man...
SN74LS183 ETC-SN74LS183 Datasheet
147Kb / 4P
DUAL CARRY SAVE FULL ADDERS
logo
Rohm
BHXXPB1WHFV ROHM-BHXXPB1WHFV Datasheet
363Kb / 6P
Auto Power Save CMOS Type series regulator
logo
Texas Instruments
SN54LS183 TI1-SN54LS183 Datasheet
149Kb / 4P
DUAL CARRY SAVE FULL ADDERS
SN74LS183D TI1-SN74LS183D Datasheet
149Kb / 4P
DUAL CARRY-SAVE FULL ADDERS
logo
Semtech Corporation
SC172MLTRT SEMTECH-SC172MLTRT Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
logo
STMicroelectronics
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
logo
Mitsumi Electronics, Co...
MM336X MITSUMI-MM336X Datasheet
149Kb / 12P
150mA LDO with auto power save
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
Save space, time and money.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com