Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4101 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4101
Description  LIN communication with STM8A-DISCOVERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 5Page - STMicroelectronics AN4101 Datasheet HTML 6Page - STMicroelectronics AN4101 Datasheet HTML 7Page - STMicroelectronics AN4101 Datasheet HTML 8Page - STMicroelectronics AN4101 Datasheet HTML 9Page - STMicroelectronics AN4101 Datasheet HTML 10Page - STMicroelectronics AN4101 Datasheet HTML 11Page - STMicroelectronics AN4101 Datasheet HTML 12Page - STMicroelectronics AN4101 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AN4101
Implementing a LIN master node with STM8AF board
Doc ID 23127 Rev 1
9/21
4
Implementing a LIN master node with STM8AF board
4.1
STM8AF microcontroller LINUART and USART features for
LIN master
The LINUART and USART inside the STM8AF microcontroller implement both generation
and detection of LIN Breaks.
LIN Break generation allows sending of 13-bit Breaks on the TX pin, thanks to the LIN
protocol requirement.
LIN Break detection allows detection of feedback from the LIN transceiver, before the Synch
Field (55h data byte) transmission is requested on the TX pin. There is a dedicated flag,
LBDF, which may or may not trigger the receive interrupt depending on the LBDIE bit
configuration.
4.2
Software algorithm
The software algorithm described below is implemented in the demonstration software of
the STM8A-DISCOVERY (STM8AF microcontroller). Refer to Section 7.2: STM8AF
software description for details.
4.2.1
LIN state machine
The LIN task is called regularly by the main routine. This task is a basic LIN master driver
that implements a state machine with the following states:
Idle
Break
SynchField
Identifier
DataReception
DataTransmission
4.2.2
LINUART interrupt
The LINUART interrupt reads and clears the hardware flags in the LINUART registers, and
sets the appropriate software flags to allow transitions in the basic LIN driver state machine:
BreakReceived, which is set if the break detection flag (LBDF) is set in the interrupt
routine
DataReceived, which is set if the RXNE flag is set
ReceptionError, which is set if the case framing error flag (FE) or the overrun flag (OR)
is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com