Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4101 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4101
Description  LIN communication with STM8A-DISCOVERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 10Page - STMicroelectronics AN4101 Datasheet HTML 11Page - STMicroelectronics AN4101 Datasheet HTML 12Page - STMicroelectronics AN4101 Datasheet HTML 13Page - STMicroelectronics AN4101 Datasheet HTML 14Page - STMicroelectronics AN4101 Datasheet HTML 15Page - STMicroelectronics AN4101 Datasheet HTML 16Page - STMicroelectronics AN4101 Datasheet HTML 17Page - STMicroelectronics AN4101 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LIN demonstration software
AN4101
14/21
Doc ID 23127 Rev 1
7.2
STM8AF software description
7.2.1
STM8AF peripherals
The following STM8AF peripherals are used by the application:
●
SPI, which is used in master mode at 250 kHz to initialize the L99PM62GPX and
refresh its watchdog.
●
ADC, which is used to read the RV1 trimmer value
●
TIM4, which allows generation of a 1 ms timebase
●
HSE, the High Speed External Clock, which when enabled allows the use of the
external 16 MHz crystal oscillator
●
LINUART, which is used to perform LIN communication in master mode
●
GPIO
–
PA3, PD3, PD0, PE3 and PC3 ports are used for LED display.
–
PE2 and PE1 are used for USER1 and USER2 push buttons.
–
PC7, PC6, PC5 and PE5 are used respectively for the SPI MISO, MOSI, SCK and
NSS.
–
PD5 and PD6 are used for LINART TX and RX.
7.2.2
Software modules
main
This module contains the initialization routines and the main loop.
appli
This module contains the application’s main tasks:
●
reading the status of the USER1 and USER2 buttons, and updating the corresponding
signals in the LIN frame that will be sent to the STM8AL board
●
reading the value of the RV1 trimmer (thanks to the ADC peripheral), and updating the
corresponding signal in the LIN frame that will be sent to the STM8AL board
●
updating the status of the LEDs according to the signals read in the LIN frame received
from the STM8AL board
If the LIN communication is broken, the application will switch on the red LD3 LED.
l99pm62drv
This module contains the driver for the L99PM62GXP device, which is controlled by the
STM8AF microcontroller through SPI.
If the L99PM62GXP device reports an error to the STM8AF through SPI, the software will
switch on the red LD3 LED. The other LEDs will give additional information as follows:
●
LD4 on: SPI error
●
LD5 on: VS out of range
●
LD6 on: thermal shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com