Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4147 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4147
Description  Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4147 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4147 Datasheet HTML 5Page - STMicroelectronics AN4147 Datasheet HTML 6Page - STMicroelectronics AN4147 Datasheet HTML 7Page - STMicroelectronics AN4147 Datasheet HTML 8Page - STMicroelectronics AN4147 Datasheet HTML 9Page - STMicroelectronics AN4147 Datasheet HTML 10Page - STMicroelectronics AN4147 Datasheet HTML 11Page - STMicroelectronics AN4147 Datasheet HTML 12Page - STMicroelectronics AN4147 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN4147
Transmitter parameter
Doc ID 023516 Rev 1
9/14
3
Transmitter parameter
All of the measurements reported here are measured using the following parameters:
Tc = 25
° C, Vdd = 3.0 V, f = 315 MHz, unless otherwise specified.
Regarding the output power and emission, the standard specifies the maximum field
strength (
µV/m). Microvolts per meter (µV/m) are the units used to describe the strength of
an electric field created by the operation of a transmitter. A particular transmitter that
generates a constant level of power (watts) can produce electric fields of different strengths
depending on the type of antenna connected to it. Because it is the electric field that causes
interference to authorized radio communications, and since particular electric field strength
does not directly correspond to a particular level of transmitter power, the emission limit of
short range devices are specified in field strength.
In order to simplify the testing environment, a conversion from the field strength to output
power is done, since the latter is easier to measure. Although the precise relation between
power and field strength can depend on a number of additional factors, a commonly-used
equation to approximate the field strength (V/m) and the power (W) is:
Equation 1
where:
P = transmitter power (EIRP) in watts
G = gain of the transmitter antenna relative to an isotropic source
d = distance of the measuring point from the electrical center of the antenna in
meters
E = field strength in volts/meter
4 * d2 = surface area of the sphere centered at the radiating source whose surface
is d meters from the radiating source
120 *
Π = characteristic impedance of free space in ohms
Assuming a unity gain antenna (G = 1) and considering the measurement distance of 3
meters (d = 3), a formula can be summarized with:
Equation 2
The field strength of the fundamental at 315 MHz is not given directly but has to be
calculated from the two values (260 to 470 MHz) defined in
Table 1. The calculated value of
the field strength of the fundamental at 315 MHz is 6043.5
µV/m which corresponds,
applying the formula above, to a value of - 19.6 dBm at 3 m distance. In a similar manner,
the field strength of the spurious emissions must be lower than 604.35
µV/m which
corresponds, applying the formula above, to a value of - 35 dBm at 3 m distance.
(P * G)/(4*d
2) = (E2)/(120 * Π)
P = 0.3 * E
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com