Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4147 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4147
Description  Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4147 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4147 Datasheet HTML 1Page - STMicroelectronics AN4147 Datasheet HTML 2Page - STMicroelectronics AN4147 Datasheet HTML 3Page - STMicroelectronics AN4147 Datasheet HTML 4Page - STMicroelectronics AN4147 Datasheet HTML 5Page - STMicroelectronics AN4147 Datasheet HTML 6Page - STMicroelectronics AN4147 Datasheet HTML 7Page - STMicroelectronics AN4147 Datasheet HTML 8Page - STMicroelectronics AN4147 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN4147
An overview of FCC regulations
Doc ID 023516 Rev 1
5/14
6.31175 – 6.31225
123 - 138
2200 – 2300
14.47 – 14.5
8.291 – 8.294
149.9 – 150.05
2310 – 2390
15.35 – 16.2
8.362 – 8.366
156.52475 – 156.52525
2483.5 – 2500
17.7 – 21.4
8.37625 – 8.38675
156.7 – 156.9
2690 – 2900
22.01 – 23.12
8.41425 – 8.41475
162.0125 – 167.17
3260 – 3267
23.6 – 24.0
12.29 – 12.293
167.72 – 173.2
3332 – 3339
31.2 – 31.8
12.51975 – 12.52025
240 – 285
3345.8 – 3358
36.43 – 36.5
12.57675 – 12.57725
322 – 335.4
3600 – 4400
Above 38.6
13.36 – 13.41
Table 4.
Radiated and conducted emission limits defined in section 15.209
Frequency [MHz]
Field strength [µV/m]
Measurement distance [m]
Conducted [dBm]
0.009 – 0.490
2400/f [kHz]
300
12.4 – 20*log(f)kHz
0.490 – 1.705
24000/f [kHz]
30
12.4 – 20*log(f)kHz
1.705 – 30.0
30
30
– 46
30– 88
100
3
– 56
88 – 216
150
3
– 52
16 – 960
200
3
– 49
960
500
3
– 41
Table 3.
Restricted bands defined in section 15.205 (continued)
MHz
MHz
MHz
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com