Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4148 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics AN4148 Datasheet HTML 10Page - STMicroelectronics AN4148 Datasheet HTML 11Page - STMicroelectronics AN4148 Datasheet HTML 12Page - STMicroelectronics AN4148 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN4148
Transmitter parameter
Doc ID 023517 Rev 1
9/13
Figure 4.
TX spurious emission below 1 GHz
Figure 5.
TX spurious emission above 1 GHz
AM13276v1
-70
-60
-50
-40
-30
-20
-10
0
0.0E+00
1.0E+08
2.0E+083.0E+08
4.0E+08
5.0E+08
6.0E+08
7.0E+088.0E+08
9.0E+08
1.0E+09
Frequency [Hz]
Output power
ARIB mask
AM13277v1
-70
-60
-50
-40
-30
-20
-10
0
1.0E+09
1.5E+09
2.0E+09
2.5E+09
3.0E+09
3.5E+09
4.0E+09
4.5E+09
5.0E+09
Frequency [Hz]
Output power
ARIB mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com