Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4148 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4148 Datasheet HTML 1Page - STMicroelectronics AN4148 Datasheet HTML 2Page - STMicroelectronics AN4148 Datasheet HTML 3Page - STMicroelectronics AN4148 Datasheet HTML 4Page - STMicroelectronics AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN4148
Application circuit
Doc ID 023517 Rev 1
5/13
2
Application circuit
Figure 1 shows an image of the SPIRIT1 application board. The application is made up of 2
boards: a daughterboard and a motherboard. The daughterboard contains the SPIRIT1 with
the circuits necessary for it to work. For correctly functionality, the daughterboard must be
plugged into the motherboard (see
Figure 2) by two header 5x2 connectors (J6 and J7).
The motherboard is provided with an STM32L152VBT6 microcontroller to correctly program
the transceiver. The microcontroller is programmed with firmware developed for the SPIRIT1
application. A graphical user interface (GUI) is developed to correctly program the SPIRIT1.
The daughterboard is provided with a 52 MHz XTAL to provide the correct oscillator to the
SPIRIT1.
The SPIRIT1 has an internal SMPS that drastically reduces power consumption, making it
the best-in-class for application on this bandwidth. The SMPS is fed from the battery (1.8 V
to 3.6 V) and provides the device with a programmable voltage (1.4 V typical). An SMA
connector is present to connect the board to an antenna or to instrumentation to verify the
correct functionality and verify the ETSI standard request.
A few of passive devices (inductors and capacitors) are used for matching/filtering in the
power amplifier (PA) and balun network for the receiver.
To reduce application costs, the SPIRIT1 is designed to work without an external antenna
switch. The daughterboard is designed to show the SPIRIT1 functionality in this condition.
Clearly, an application with antenna switch can be realized, but this is not described in this
document.
Figure 1.
SPIRIT1 application daughterboard
AM13146v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com