Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0941 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics TN0941 Datasheet HTML 10Page - STMicroelectronics TN0941 Datasheet HTML 11Page - STMicroelectronics TN0941 Datasheet HTML 12Page - STMicroelectronics TN0941 Datasheet HTML 13Page - STMicroelectronics TN0941 Datasheet HTML 14Page - STMicroelectronics TN0941 Datasheet HTML 15Page - STMicroelectronics TN0941 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID023775 Rev 1
13/16
TN0941
What is a Smart Reset™ and what is it used for?
16
7
What is a Smart Reset™ and what is it used for?
Smart Reset™ devices provide a useful feature that ensures inadvertent short reset push-
button closures do not cause system resets. This is done by implementing extended Smart
Reset™ input delay time (tSRC) and combined push-button inputs, which together ensure a
safe reset and eliminate the need for a specific dedicated reset button.
Such reset configuration provides versatility and allows the application to distinguish
between a software generated interrupt and a hard system reset. When input push-buttons
are connected to microcontroller interrupt inputs, and are closed for a short time, the
processor can only be interrupted. If the system still does not respond properly, keeping the
push-buttons closed for the reset input delay time (tSRC) causes a hard reset of the
processor through the reset output.
More details
•
See AN3261: Dual push-button Smart Reset™ devices with user-adjustable setup
delays
•
See e-presentation: Smart reset ICs for the STM6519 and STM6524
•
See the STM65xx flyer: Smart resets eliminate dedicated reset buttons and prevent
accidental resets
Suggested products
For further information on Smart Reset™ devices, please refer to the following products:
STM6503, STM6504, STM6505, STM6510, STM6513, STM6519, STM6520, STM6522,
and STM6524.
8
With Smart Reset™ devices, is the reset asserted
repeatedly if a push-button is pressed for a long
time?
For Smart Reset™ products with tREC options (fixed reset pulse width durations), only one
reset pulse is sent to the system if the push-button(s) is (are) pressed and held. The push-
button(s) need(s) to be released and pressed again for tSRC before the reset is asserted
again for tREC time.
For Smart Reset™ products without tREC (push-button controlled reset pulse width
durations), the reset output is asserted as long as the push-button is pressed (after tSRC).
The push-button(s) need(s) to be released to de-assert the reset output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com