Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0941 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0941 Datasheet HTML 1Page - STMicroelectronics TN0941 Datasheet HTML 2Page - STMicroelectronics TN0941 Datasheet HTML 3Page - STMicroelectronics TN0941 Datasheet HTML 4Page - STMicroelectronics TN0941 Datasheet HTML 5Page - STMicroelectronics TN0941 Datasheet HTML 6Page - STMicroelectronics TN0941 Datasheet HTML 7Page - STMicroelectronics TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID023775 Rev 1
5/16
TN0941
What are the main reset and supervisor IC categories?
16
3
What are the main reset and supervisor IC
categories?
3.1
Reset and voltage detectors
These devices provide basic voltage monitoring and reset timing for the power-on reset
(POR) and low-voltage detect (LVD) function. Some devices feature an additional input
which can be used for push-button reset. Other devices are designed to monitor up to five
power supply voltages.
3.2
Microprocessor supervisors
These devices add additional features including a watchdog, early power fail warning, push-
button reset, and battery monitoring. Microprocessor supervisors with a switchover function
preserve SRAM data in the absence of system power by automatically switching to battery
backup when system power fails. A chip enable gate automatically write protects the SRAM
when VCC begins to fall.
3.3
Smart resets
Smart resets extend the functional capability of existing buttons so that users can simply
reset their frozen device with a long push of one or two buttons simultaneously. Smart
Reset™ devices provide a useful feature that ensures inadvertent short reset push-button
closures do not cause system resets. This is done by implementing extended Smart
Reset™ input delay time and combined push-button inputs, which together ensure a safe
reset and eliminate the need for a specific dedicated reset button.
3.4
Watchdog timers
Watchdog timers are mandatory products for applications requiring the highest security
level. They are a robust and reliable way of monitoring software code execution or hardware
failure and taking appropriate action (example, system reboot, high level interrupt
generation).
For higher efficiency, the watchdog function is usually not integrated into the
microprocessor, but implemented with standalone products. STMicroelectronics offers
various watchdog implementations, allowing a match with most application environments.
3.5
Voltage protection
These devices provide the necessary protection that prevent external overvoltage peaks
from damaging the internal circuitry. They are commonly implemented on the power
charging patch of portable devices, to prevent a USB or an AC charger power failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com