Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS70LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS70LP_15 Datasheet HTML 1Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 2Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 3Page - Diodes Incorporated BAS70LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70LP
Document number: DS35105 Rev. 2 - 2
2 of 4
www.diodes.com
March 2011
© Diodes Incorporated
BAS70LP
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
Forward Continuous Current (Note 4)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current @ tp < 1.0s
IFSM
800
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
430
mW
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
295
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
70
-
-
V
IR = 10μA
Forward Voltage
VF
-
-
-
-
-
-
0.42
0.75
0.96
V
IF = 1.0mA, TJ= 25*C
IF = 10mA, TJ = 25*C
IF = 15mA, TJ = 25*C
Leakage Current (Note 5)
IR
-
-
-
-
0.1
10
μA
VR = 50V, TJ = 25*C
VR = 70V, TJ = 25*C
Total Capacitance
CT
-
1
-
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
-
1.6
-
ns
IF = IR = 10mA to IR = 1.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0
0.1
0.2
0.3
0.4
0.5
0
0.1
0.2
0.3
0.4
0.5
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com